|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
notes: 1. material: (1)frame: aluminum with 0.6mm thickness (2)mesh: 24#/25.4mm stainless steel 2. finish: mill 3. general tolerance unless noted is 0.5mm 4. rohs compliant approved date description rev. revision b c rohs compliancy updated specifications 06-01-06 04-02-08 b. zhang 07-15-05 07-15-05 jjh / 07-15-05 qualtek electronics corp. fan-s division part number: 06325-M description: fan filter screen (80mm) tolerance +/- (mm) dim range (mm) 0-5 5-16 16-64 64-250 250-1000 1000-1500 drawn / date checked / date approved / date 0.1 0.15 0.2 0.4 0.5 1.0 unit: mm rev: c controlled these drawings are the property of qualtek electronics and not to be reproduced for or communicated to a third party without the express written permission of an officer of qualtek electronics. 83.82 1 71.37 ? 4.32 0.2 r10 4.75 3.5 0.5 dp dp
|
Price & Availability of 06325-M |